Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download NTE154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE154 Silicon NPN Transistor High Voltage Video Output
Description: The NTE154 is a silicon NPN transistor in a TO39 type package designed for use as a video output to drive a color CRT. Features: D High Voltage: VCEO = 300V Min @ IC = 5mA D Low Capacitance: Cob = 3pF Max @ VCB = 20V D High Frequency: ft = 50MHz Min @ IC = 15mA D High Power Dissipation: PD = 7W @ TC = +25C Absolute Maximum Ratings: (Note 1) Collector to Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Collector to Emitter Voltage (Note 2), VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Emitter to Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Total Power Dissipation (Note 3, Note 4), PD TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7W TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Operating Junction Temperature, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Lead Temperature (During Soldering, 60sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Note Note Note Note 1. 2. 3. 4. These ratings are limiting values above which the serviceability of this device may be impaired. This rating refers to a high current point where collector to emitter voltage is lowest. These ratings are steady state limits. These ratings give a maximum junction temperature of +200C and junction to case thermal resistance of +25C/W (derating factor of 40mW/C); junction to ambient thermal resistance of +175C/W (derating factor of 5.71mW/C).
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Base Breakdown Voltage Emitter Base Breakdown Voltage Collector Cutoff Current Symbol V(BR)CBO V(BR)EBO ICBO IEBO hFE Test Conditions IC = 100A, IE = 0 IE = 100A, IC = 0 IE = 0, VCB = 200V IE = 0, VCB = 200V, TA = +125C Emitter Cutoff Current DC Current Gain IC = 0, VEB = 6V IC = 1mA, VCE = 20V IC = 10mA, VCE = 20V, Note 5 IC = 30mA, VCE = 20V, Note 5 Collector Emitter Sustaining Voltage Base Emitter Saturating Voltage Collector Emitter Saturating Voltage High Frequency Current Gain VCEO(sus) VBE(sat) VCE(sat) hfe IC = 5mA, IB = 0, Note 2, Note 5 IC = 20mA, IB = 2mA, Note 5 IC = 20mA, IB = 2mA, Note 5 IC = 15mA, VCE = 150V, f = 20MHz IC = 3mA, VCE = 270V, f = 20MHz IC = 30mA, VCE = 30V, f = 20MHz, RL = 9k Collector Base Capacitance Emitter Base Capacitance Ccb Ceb IE = 0, VCB = 20V IC = 0, VEB = 500mV Min 300 7 - - - 20 40 40 300 - - 2.5 2.0 2.0 - - Typ - - 1.0 0.2 1.0 50 100 100 - 0.74 0.35 4.0 2.5 4.0 2.5 45 Max - - 100 5.0 100 - - - - 0.85 1.0 - - - 3.0 70 pF pF V V V Unit V V nA A nA
Note 2. This rating refers to a high current point where collector to emitter voltage is lowest. Note 5. Pulse Conditions: Length = 300s, Duty Cycle = 1%.
.370 (9.39) Dia Max .355 (9.03) Dia Max
.260 (6.6) Max
.500 (12.7) Min
.018 (0.45) Base Emitter Collector/Case
45
.031 (.793)


▲Up To Search▲   

 
Price & Availability of NTE154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X